Part Number Hot Search : 
76STC04T SP5954 ST72F325 7447A 25055 C1008 ANTX1 C820K
Product Description
Full Text Search
 

To Download 2SA1072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1072 2SA1073
DESCRIPTION *With TO-3 package *Complement to type 2SC2522/2523 *Excellent safe operating area *Fast switching speed APPLICATIONS *High frequency power amplifier *Audio power amplifiers *Switching regulators *DC-DC converters
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
Absolute maximum ratings(Ta=)
SYMBOL PARAMETER 2SA1072 VCBO Collector-base voltage 2SA1073 2SA1072 VCEO Collector-emitter voltage 2SA1073 VEBO IC PC Tj Tstg Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -160 -7 -12 120 150 -65~150 V A W Open emitter -160 -120 V CONDITIONS VALUE -120 V UNIT
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER 2SA1072 IC=-1mA ;RBE= 2SA1073 2SA1072 IC=-50A ;IE=0 2SA1073 V(BR)EBO VCEsat VBE Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage 2SA1072 2SA1073 2SA1072 2SA1073 IEBO hFE-1 hFE-2 COB fT Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency IE=-50A ;IC=0 IC=-5A ;IB=-0.5A
B
2SA1072 2SA1073
CONDITIONS
MIN -120
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -160 -120 V -160 -7 -0.9 -1.25 -1.8 -1.7 V V V
V(BR)CBO
Collector-base breakdown voltage
IC=-5A ; VCE=-5V VCB=-120V; IE=0
ICBO
Collector cut-off current
-50 VCB=-160V; IE=0 VCE=-120V; RBE= -1 VCE=-160V; RBE= VEB=-7V; IC=0 IC=-1A ; VCE=-5V IC=-7A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz IC=-1A ; VCE=-10V;f=10MHz 60 40 300 60 -50 200
A
ICEO
Collector cut-off current
mA
A
pF MHz
Switching times tr tstg tf Rise time Storage time Fall time IC=-7.5A IB1=-IB2=-0.75A;RL=4 0.15 0.50 0.11 s s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1072 2SA1073
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X